|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
STMPE811 8-bit port expander with advanced touchscreen controller Preliminary Data Features 8 GPIOs 1.8 - 3.3 V operating voltage Integrated 4-wire touchscreen controller Interrupt output pin Wakeup feature on each I/O SPI and I2C interface Up to 2 devices sharing the same bus in I2C mode (1 address line) 8-input 12-bit ADC 128-depth buffer touchscreen controller Touchscreen movement detection algorithm 25 kV air-gap ESD protection (system level) 4 kV HBM ESD protection (device level) QFN16 Description The STMPE811 is a GPIO (general purpose input/output) port expander able to interface a main digital ASIC via the two-line bidirectional bus (I2C). A separate GPIO expander is often used in mobile multimedia platforms to solve the problems of the limited amount of GPIOs typically available on the digital engine. The STMPE811 offers great flexibility, as each I/O can be configured as input, output or specific functions. The device has been designed with very low quiescent current and includes a wakeup feature for each I/O, to optimize the power consumption of the device. A 4-wire touchscreen controller is built into the STMPE811. The touchscreen controller is enhanced with a movement tracking algorithm to avoid excessive data, 128 x 32 bit buffer and a programmable active window feature. Applications Portable media players Game consoles Mobile and smart phones Table 1. Device summary Order code STMPE811QTR Package QFN16 Packaging Tape and reel June 2008 Rev 1 1/54 www.st.com 54 This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. Contents STMPE811 Contents 1 2 STMPE811 functional overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Pin configuration and functions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 2.1 Pin functions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 I2C and SPI interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 3.1 Interface selection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 4 I2C interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 4.1 4.2 4.3 4.4 I2C features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Data input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Read operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Write operations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 5 SPI interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 5.1 SPI protocol definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 5.1.1 5.1.2 5.1.3 Register read . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Register write . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Termination of data transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 5.2 SPI timing modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 5.2.1 SPI timing definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 6 7 8 9 10 STMPE811 registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 System and identification registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 Interrupt system . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Analog-to-digital converter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 Touchscreen controller . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29 10.1 Driver and switch control unit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29 11 Touchscreen controller programming sequence . . . . . . . . . . . . . . . . . 41 2/54 STMPE811 Contents 12 13 Temperature sensor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43 GPIO controller . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45 13.0.1 Power-up reset (POR) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48 14 Maximum rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49 14.1 Recommended operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49 15 16 17 Electrical specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53 3/54 STMPE811 functional overview STMPE811 1 STMPE811 functional overview The STMP811 consists of the following blocks: I2C and SPI interface Analog-to-digital converver (ADC) Touchscreen controller (TSC) Driver and switch control unit Temperature sensor GPIO controller STMPE811 functional block diagram Figure 1. GPIO controller GPIO 0-7 /ADC IN 0-7 /MODE /REF-, REF+ Switches and drivers RC oscillator INT Data in A0/Data out SCLK/CLK SDAT/CS I C / SPI interface Thermal sense 2 ADC , TSC VREF GND VCC TSC: Touchscreen controller 4/54 STMPE811 Pin configuration and functions 2 Pin configuration and functions Figure 2. STMPE811 pin configuration (top through view) 12 11 10 9 13 14 STMPE811 8 7 6 5 15 16 1 2 3 4 Table 2. Pin 1 2 3 4 5 6 7 8 Pin assignments Name YINT A0/Data Out SCLK SDAT VCC Data in IN0 Y-/GPIO-7 Interrupt output I2C address in Reset, Data out in SPI mode I2C/SPI clock I2C data/SPI CS 1.8 Function -3.3 V supply voltage SPI Data In IN0/GPIO-0 IN1/GPIO-1/MODE In RESET state, MODE selects the type of serial interface "0" - I2C "1" - SPI Ground IN2/GPIO-2 IN3/GPIO-3 X+/GPIO-4 Supply for touchscreen driver and GPIO Y+/GPIO-5 X-/GPIO-6 9 IN1 10 11 12 13 14 15 16 GND IN2 IN3 X+ Vio Y+ X- 5/54 Pin configuration and functions STMPE811 2.1 Pin functions The STMPE811 is designed to provide maximum features and flexibility in a very small pincount package. Most of the pins are multi-functional. The following table shows how to select the pin's function. Table 3. Pin configuration GPIO alternate function register Pin 0 1 ADC control 1 bit 1 (RefSel) 0 IN0 IN1 IN2 IN3 GPIO-0 GPIO-1 GPIO-2 GPIO-3 ADC ADC ADC ADC External reference + External reference 1 TSC control 1 bit 0 (EN) 0 X+ Y+ XYGPIO-4 GPIO-5 GPIO-6 GPIO-7 ADC ADC ADC ADC 1 TSC X+ TSC Y+ TSC XTSC Y- 6/54 STMPE811 I2C and SPI interface 3 3.1 I2C and SPI interface Interface selection The STMPE811 interfaces with the host CPU via a I2C or SPI interface. The pin IN_1 allows the selection of interface protocol at reset state. Figure 3. STMPE811 interface DIN SPI I/F module DOUT CLK CS MUX unit I2C I/F module SDAT SCLK A0 Table 4. Interface selection pins Pin 3 4 5 7 9 I2C function Address 0 CLOCK SDATA SPI function Data out CLOCK CS Data in I2C set to `0' Set to `1' for SPI CPOL_N for SPI Reset state CPHA for SPI - MODE 7/54 I2C interface STMPE811 4 I2C interface The addressing scheme of STMPE811 is designed to allow up to 2 devices to be connected to the same I2C bus. Figure 4. STMPE811 I2C interface GND VCC SCLK SDAT SCLK SDAT STMPE811 ADDR0 Table 5. I2C address ADDR0 0 1 Address 0 x 82 0 x 88 Note For the bus master to communicate to the slave device, the bus master must initiate a Start condition and be followed by the slave device address. Accompanying the slave device adress, is a read/write bit (R/W). The bit is set to 1 for read and 0 for write operation. If a match occurs on the slave device address, the corresponding device gives an acknowledge on the SDA during the 9th bit time. If there is no match, it deselects itself from the bus by not responding to the transaction. Figure 5. SDA tBUF tHD:STA tR SCL tHIGH P S tLOW tSU:DAT tHD:DAT SR tSU:STA P tSU:STO tF tHD:STA I2C timing diagram AI00589 8/54 STMPE811 I2C interface Table 6. Symbol fSCL tLOW tHIGH tF tHD:STA tSU:STA tSU:DAT tHD:DAT tSU:STO tBUF I2C timing Parameter SCL clock frequency Clock low period Clock high period SDA and SCL fall time START condition hold time (after this period the first clock is generated) START condition setup time (only relevant for a repeated start period) Data setup time Data hold time STOP condition setup time Time the bus must be free before a new transmission can start 600 600 100 0 600 1.3 Min 0 1.3 600 300 Typ Max 400 Uni kHz s ns ns ns ns ns s ns s 4.1 I2C features The features that are supported by the I2C interface are listed below: I2C slave device Operates at 1.8 V Compliant to Philips I2C specification version 2.1 Supports standard (up to 100 Kbps) and fast (up to 400 Kbps) modes Start condition A Start condition is identified by a falling edge of SDATA while SCLK is stable at high state. A Start condition must precede any data/command transfer. The device continuously monitors for a Start condition and does not respond to any transaction unless one is encountered. Stop condition A Stop condition is identified by a rising edge of SDATA while SCLK is stable at high state. A Stop condition terminates communication between the slave device and the bus master. A read command that is followed by NoAck can be followed by a Stop condition to force the slave device into idle mode. When the slave device is in idle mode, it is ready to receive the next I2C transaction. A Stop condition at the end of a write command stops the write operation to registers. Acknowledge bit The acknowledge bit is used to indicate a successful byte transfer. The bus transmitter releases the SDATA after sending eight bits of data. During the ninth bit, the receiver pulls the SDATA low to acknowledge the receipt of the eight bits of data. The receiver may leave the SDATA in high state if it does not acknowledge the receipt of the data. 9/54 I2C interface STMPE811 4.2 Data input The device samples the data input on SDATA on the rising edge of the SCLK. The SDATA signal must be stable during the rising edge of SCLK and the SDATA signal must change only when SCLK is driven low. Table 7. Mode Operating modes Byte Programming sequence Start, Device address, R/W = 0, Register address to be read Restart, Device address, R/W = 1, Data Read, Stop Read 1 If no Stop is issued, the Data Read can be continuously performed. If the register address falls within the range that allows an address autoincrement, then the register address auto-increments internally after every byte of data being read. Start, Device address, R/W = 0, Register address to be written, Data Write, Stop If no Stop is issued, the Data Write can be continuously performed. If the register address falls within the range that allows address autoincrement, then the register address auto-increments internally after every byte of data being written in. For those register addresses that fall within a non-incremental address range, the address will be kept static throughout the entire write operation. Refer to the memory map table for the address ranges that are auto and non-increment. Write 1 Figure 6. One byte Read Read and write modes (random and sequential) Ack Restart R/W=0 R/W=1 Device Address Reg Address Device Address Data Read No Ack Start Stop Ack Ack Ack Restart More than one byte Read Device Address Reg Address Device Address Data Read Data Read + 1 No Ack R/W=0 R/W=1 Data Read + 2 Start Ack One byte Write Device Address Reg Address Data to be written Ack Restart R/W=0 Start Device Address Reg Address Ack Restart R/W=0 Data to Write + 1 Start Data to Write + 2 Master Slave 10/54 Ack Stop Ack Ack Ack More than one byte Read Data to Write Ack Stop Ack Ack Ack Stop Ack STMPE811 I2C interface 4.3 Read operation A write is first performed to load the register address into the Address Counter but without sending a Stop condition. Then, the bus master sends a reStart condition and repeats the Device Address with the R/W bit set to 1. The slave device acknowledges and outputs the content of the addressed byte. If no additional data is to be read, the bus master must not acknowledge the byte and terminates the transfer with a Stop condition. If the bus master acknowledges the data byte, then it can continue to perform the data reading. To terminate the stream of data bytes, the bus master must not acknowledge the last output byte, and be followed by a Stop condition. If the address of the register written into the Address Counter falls within the range of addresses that has the auto-increment function, the data being read will be coming from consecutive addresses, which the internal Address Counter automatically increments after each byte output. After the last memory address, the Address Counter 'rolls-over' and the device continues to output data from the memory address of 0x00. Similarly, for the register address that falls within a non-increment range of addresses, the output data byte comes from the same address (which is the address referred by the Address Counter). Acknowledgement in read operation For the above read command, the slave device waits, after each byte read, for an acknowledgement during the ninth bit time. If the bus master does not drive the SDA to a low state, then the slave device terminates and switches back to its idle mode, waiting for the next command. 4.4 Write operations A write is first performed to load the register address into the Address Counter without sending a Stop condition. After the bus master receives an acknowledgement from the slave device, it may start to send a data byte to the register (referred by the Address Counter). The slave device again acknowledges and the bus master terminates the transfer with a Stop condition. If the bus master needs to write more data, it can continue the write operation without issuing the Stop condition. Whether the Address Counter autoincrements or not after each data byte write depends on the address of the register written into the Address Counter. After the bus master writes the last data byte and the slave device acknowledges the receipt of the last data, the bus master may terminate the write operation by sending a Stop condition. When the Address Counter reaches the last memory address, it 'rolls-over' to the next data byte write. 11/54 SPI interface STMPE811 5 SPI interface The SPI interface in STMPE811 uses a 4-wire communication connection (DATA IN, DATA OUT, CLK, CS). In the diagram, "Data in" is referred to as MOSI (master out slave in) and "DATA out" is referred to as MISO (master in slave out). 5.1 SPI protocol definition The SPI (serial peripheral interface) follows a byte sized transfer protocol. All transfers begin with an assertion of CS_n signal (falling edge). The protocol for reading and writing is different and the selection between a read and a write cycle is dependent on the first captured bit on the slave device. A '1' denotes a read operation and a '0' denotes a write operation. The SPI protocol defined in this section is shown in Figure 3. The following are the main features supported by this SPI implementation. Support of 1 MHz maximum clock frequency. Support for autoincrement of address for both read and write. Full duplex support for read operation. Daisy chain configuration support for write operation. Robust implementation that can filter glitches of up to 50 ns on the CS_n and SCL pins. Support for all 4 modes of SPI as defined by the CPHA, CPOL bits on SPICON. 5.1.1 Register read The following steps need to be followed for register read through SPI. 1. 2. 3. 4. Assert CS_n by driving a '0' on this pin. Drive a '1' on the first SCL launch clock on MOSI to select a read operation. The next 7 bits on MOSI denote the 7-bit register address (MSB first). The next address byte can now be transmitted on the MOSI. If the autoincrement bit is set, the following address transmitted on the MOSI is ignored. Internally, the address is incremented. If the autoincrement bit is not set, then the following byte denotes the address of the register to be read next. Read data is transmitted by the slave device on the MISO (MSB first), starting from the launch clock following the last address bit on the MOSI. Full duplex read operation is achieved by transmitting the next address on MOSI while the data from the previous address is available on MISO. To end the read operation, a dummy address of all 0's is sent on MOSI. 5. 6. 7. 12/54 STMPE811 SPI interface 5.1.2 Register write The following steps need to be followed for register write through SPI. 1. 2. 3. 4. 5. Assert CS_n by driving a '0' on this pin. Drive a '0' on the first SCL launch clock on MOSI to select a write operation. The next 7 bits on MOSI denote the 7-bit register address (MSB first). The next byte on the MOSI denotes data to be written. The following transmissions on MOSI are considered byte-sized data. The register address to which the following data is written depends on whether the autoincrement bit in the SPICON register is set. If this bit has been set previously, the register address is incremented for data writes. 5.1.3 Termination of data transfer A transfer can be terminated before the last launch edge by deasserting the CS_n signal. If the last launch clock is detected, it is assumed that the data transfer is successful. 5.2 SPI timing modes The SPI timing modes are defined by CPHA and CPOL,CPHA and CPOL are read from the "SDAT" and "A0" pins during power-up reset. The following four modes are defined according to this setting. Table 8. SPI timing modes CPOL 1 1 0 0 CPHA (ADDR pin) 0 1 0 1 Mode 0 1 2 3 CPOL_N (SDAT pin) 0 0 1 1 The clocking diagrams of these modes are shown in ON reset. The device always operates in mode 0. Once the bits are set in the SPICON register, the mode change takes effect on the next transaction defined by the CS_n pin being deasserted and asserted. 13/54 SPI interface STMPE811 5.2.1 SPI timing definition Table 9. Symbol SPI timing specification Timing Description Min Typ Max s CS_n falling to first capture clock Clock low period Clock high period Launch clock to MOSI data valid Launch clock to MISO data valid Data on MOSI valid Last clock edge to CS_n high CS_n high period CS_n high to first clock edge CS_n high to tri-state on MISO 1 Unit tCSS 1 tCL tCH 500 500 ns ns tLDI 20 ns tLDO 330 s s s s ns tDI tCCS 1 tCSH tCSCL 2 300 tCSZ 1 s 14/54 STMPE811 Figure 7. SPI timing specification SPI interface 15/54 STMPE811 registers STMPE811 6 STMPE811 registers This section lists and describes the registers of the STMPE811 device, starting with a register map and then provides detailed descriptions of register types. Table 10. Address 0x00 0x02 0x03 0x04 0x08 0x09 0x0A 0x0B 0x0C 0x0D 0x0E 0x0F 0x10 0x11 0x12 0x13 0x14 0x15 0x16 0x17 0x20 0x21 0x22 0x30 0x32 Register summary map table Register name CHIP_ID ID_VER SYS_CTRL1 SYS_CTRL2 SPI_CFG INT_CTRL INT_EN INT_STA GPIO_EN GPIO_INT_STA ADC_INT_EN ADC_INT_STA GPIO_SET_PIN GPIO_CLR_PIN GPIO_MP_STA GPIO_DIR GPIO_ED GPIO_RE GPIO_FE GPIO_AF ADC_CTRL1 ADC_CTRL2 ADC_CAPT ADC_DATA_CH0 ADC_DATA_CH1 Bit 16 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 16 16 Type R R R/W R/W R/W R/W R/W R R/W R R/W R R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R R Reset value 0x0811 0x01 0x00 0x0F 0x01 0x00 0x00 0x10 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x9C 0x01 0xFF 0x0000 0x0000 Function Device identification Revision number 0x01 for engineering sample 0x02 for final silicon Reset control Clock control SPI interface configuration Interrupt control register Interrupt enable register interrupt status register GPIO interrupt enable register GPIO interrupt status register ADC interrupt enable register ADC interrupt status register GPIO set pin register GPIO clear pin register GPIO monitor pin state register GPIO direction register GPIO edge detect register GPIO rising edge register GPIO falling edge register Alternate function register ADC control ADC control To initiate ADC data acquisition ADC channel 0 ADC channel 1 16/54 STMPE811 Table 10. Address 0x34 0x36 0x38 0x3A 0x3C 0x3E 0x40 0x41 0x42 0x44 0x46 0x48 0x4A 0x4B 0x4C 0x4D 0x4F 0x51 0x52 0x56 0x57 0x58 0x59 0x60 0x61 0x62 STMPE811 registers Register summary map table (continued) Register name ADC_DATA_CH2 ADC_DATA_CH3 ADC_DATA_CH4 ADC_DATA_CH5 ADC_DATA_CH6 ADC_DATA_CH7 TSC_CTRL TSC_CFG WDW_TR_X WDW_TR_Y WDW_BL_X WDW_BL_Y FIFO_TH FIFO_STA FIFO_SIZE TSC_DATA_X TSC_DATA_Y TSC_DATA_Z TSC_DATA_XYZ TSC_FRACT_X YZ TSC_DATA TSC_I_DRIVE TSC_SHIELD TEMP_CTRL TEMP_DATA TEMP_TH Bit 16 16 16 16 16 16 8 8 16 16 16 16 8 8 8 16 16 8 32 8 8 8 8 8 8 8 R R/W R/W R/W R R/W Type R R R R R R R/W R/W R/W R/W R/W R/W R/W R/W R R R R R Reset value 0x0000 0x0000 0x0000 0x0000 0x0000 0x0000 0x90 0x00 0x0FFF 0x0FFF 0x0000 0x0000 0x00 0x20 0x00 0x0000 0x0000 0x0000 0x00000000 0x00 0x00 0x00 0x00 0x00 0x00 0x00 Temperature sensor setup Temperature data access port Threshold for temperature controlled interrupt Data port for touchscreen controller data access Function ADC channel 2 ADC channel 3 ADC channel 4 ADC channel 5 ADC channel 6 ADC channel 7 4-wire touchscreen controller setup Touchscreen controller configuration Window setup for top right X Window setup for top right Y Window setup for bottom left X Window setup for bottom left Y FIFO level to generate interrupt Current status of FIFO Current filled level of FIFO Data port for touchscreen controller data access Data port for touchscreen controller data access Data port for touchscreen controller data access Data port for touchscreen controller data access 17/54 System and identification registers STMPE811 7 System and identification registers Table 11. Address 0x00 0x02 0x03 0x04 0x08 System and identification registers map Register name CHIP_ID ID_VER SYS_CTRL1 SYS_CTRL2 SPI_CFG Bit 16 8 8 8 8 Type R R R/W R/W R/W Reset 0x0811 0x01 0x00 0x0F 0x01 Function Device identification Revision number 0x01 for engineering sample Reset control Clock control SPI interface configuration CHIP_ID Address: Type: Reset: Description: 0x00 R 0x0811 Device identification 16-bit device identification ID_VER Address: Type: Reset: Description: R Revision number 0x02 (0x01 for engineering samples) 0x01 16-bit revision number 18/54 STMPE811 System and identification registers SYS_CTRL1 7 6 5 Reset control 4 RESERVED 3 2 1 SOFT_RESET 0 HIBERNATE Address: Type: Reset: Description: 0x03 R/W 0x00 The reset control register enables to reset the device [7:2] RESERVED [1] SOFT_RESET: Reset the STMPE811 using the serial communication interface [0] HIBERNATE: Force the device into hibernation mode. Forcing the device into hibernation mode by writing `1' to this bit would disable the hot-key feature. If the hot-key feature is required, use the default auto-hibernation mode. SYS_CTRL2 7 6 5 Clock control 4 3 TS_OFF 2 GPIO_OFF 1 TSC_OFF 0 ADC_OFF - Address: Type: Reset: Description: - 0x04 R/W - - 0x0F This register enables to switch off the clock supply [7:4] RESERVED [3] TS_OFF: Switch off the clock supply to the temperature sensor 1: Switches off the clock supply to the temperature sensor [2] GPIO_OFF: Switch off the clock supply to the GPIO 1: Switches off the clock supply to the GPIO [1] TSC_OFF: Switch off the clock supplyto the touchscreen controller 1: Switches off the clock supply to the touchscreen controller [0] ADC_OFF: Switch off the clock supply to the ADC 1: Switches off the clock supply to the ADC 19/54 System and identification registers STMPE811 SPI_CFG 7 6 5 RESERVED SPI interface configuration 4 3 2 AUTO_INCR 1 SPI_CLK_MOD1 0 SPI_CLK_MOD0 Address: Type: Reset: Description: 0x08 R/W 0x01 SPI interface configuration register [7:3] RESERVED [2] AUTO_INCR: Bitfield description This bit defines whether the SPI transaction follows an addressing scheme that internally autoincrements or not [1] SPI_CLK_MOD1: Bitfield description This bit reflects the value of the SCAD/A0 pin during power-up reset [0] SPI_CLK_MOD0: Bitfield description This bit reflects the value of the SCAD/A0 pin during power-up reset 20/54 STMPE811 Interrupt system 8 Interrupt system The STMPE811 uses a 2-tier interrupt structure. The ADC interrupts and GPIO interrupts are ganged as a single bit in the "interrupt status register". The interrupts from the touchscreen controller and temperature sensor can be seen directly in the interrupt status register. Figure 8. Interrupt system diagram FIFO status, TSC touch, Temp sensor Interrupt status AND GPIO interrupt status AND GPIO interrupt enable Interrupt enable ADC interrupt status AND ADC interrupt enable 21/54 Interrupt system STMPE811 INT_CTRL 7 6 5 RESERVED Interrupt control register 4 3 2 INT_POLARITY 1 INT_TYPE 0 GLOBAL_INT Address: Type: Reset: Description: 0x09 R/W 0x00 The interrupt control register is used to enable the interruption from a system-related interrupt source to the host. [7:3] RESERVED [2] INT_POLARITY: This bit sets the INT pin polarity 1: Active high/rising edge 0: Active low/falling edge [1] INT_TYPE: This bit sets the type of interrupt signal required by the host 1: Edge interrupt 0: Level interrupt [0] GLOBAL_INT: This is master enable for the interrupt system 1: Global interrupt 0: Stops all interrupts 22/54 STMPE811 Interrupt system INT_EN 7 GPIO 6 ADC 5 Interrupt enable register 4 3 FIFO_FULL 2 FIFO_0FLOW 1 FIFO_TH 0 TOUCH_DET TEMP_SENS FIFO_EMPTY Address: Type: Reset: Description: 0x0A R/W 0x00 The interrupt enable register is used to enable the interruption from a system related interrupt source to the host. [7] GPIO: Any enabled GPIO interrupts [6] ADC: Any enabled ADC interrupts [5] TEMP_SENS: Temperature threshold triggering [4] FIFO_EMPTY: FIFO is empty [3] FIFO_FULL: FIFO is full [2] FIFO_OFLOW: FIFO is overflowed [1] FIFO_TH: FIFO is above threshold [0] TOUCH_DET: Touch is detected INT_STA 7 GPIO 6 ADC 5 Interrupt status register 4 3 FIFO_FULL 2 FIFO_OFLOW 1 FIFO_TH 0 TOUCH_DET TEMP_SENS FIFO_EMPTY Address: Type: Reset: Description: 0x0B R 0x10 The interrupt status register monitors the status of the interruption from a particular interrupt source to the host. Regardless of whether the INT_EN bits are enabled, the INT_STA bits are still updated. Writing '1' to this register clears the corresponding bits. Writing '0' has no effect. [7] GPIO: Any enabled GPIO interrupts [6] ADC: Any enabled ADC interrupts [5] TEMP_SENS: Temperature threshold triggering [4] FIFO_EMPTY: FIFO is empty [3] FIFO_FULL: FIFO is full [2] FIFO_OFLOW: FIFO is overflowed [1] FIFO_TH: FIFO is above threshold [0] TOUCH_DET: Touch is detected 23/54 Interrupt system STMPE811 GPIO_INT_EN 7 6 5 GPIO interrupt enable register 4 3 2 1 0 IEG[x] Address: Type: Reset: Description: 0x0C R/W 0x10 The interrupt status register monitors the status of the interruption from a particular interrupt source to the host. Regardless of whether the IER bits are enabled, the ISR bits are still updated. Writing '1' to this register clears the corresponding bits. Writing '0' has no effect. [7:0] IEG[x]: Interrupt enable GPIO mask (where x = 7 to 0) 1: Writing `1' to the IE[x] bit enables the interruption to the host GPIO_INT_STA 7 6 5 GPIO interrupt status register 4 3 2 1 0 ISG[x] Address: Type: Reset: Description: 0x0D R/W 0x00 The GPIO interrupt status register monitors the status of the interruption from a particular GPIO pin interrupt source to the host. Regardless of whether or not the GPIO_STA bits are enabled, the GPIO_STA bits are still updated. The ISG[7:0] bits are the interrupt status bits corresponding to the GPIO[7:0] pins. Writing '1' to this register clears the corresponding bits. Writing '0' has no effect. [7:0] ISG[x]: GPIO interrupt status (where x = 7 to 0) Read: Interrupt status of the GPIO[x]. Reading the register will clear any bits that have been set to '1' Write: Writing to this register has no effect 24/54 STMPE811 Analog-to-digital converter 9 Analog-to-digital converter An 8-input,12-bit analog-to-digital converter (ADC) is integrated in the STMPE811. The ADC can be used as a generic analog-to-digital converter, or as a touchscreen controller capable of controlling a 4-wire resistive touchscreen. Table 12. Address 0x20 0x21 0x22 0x30 0x32 0x34 0x36 0x38 0x3A 0x3C 0x3E AddINT_EN ADC controller register summary table Register name ADC_CTRL1 ADC_CTRL2 ADCCapture ADC_DATA_CH0 ADC_DATA_CH1 ADC_DATA_CH2 ADC_DATA_CH3 ADC_DATA_CH4 ADC_DATA_CH5 ADC_DATA_CH6 ADC_DATA_CH7 Size 8 8 8 8 8 8 8 8 8 8 8 ADC control ADC control To initiate ADC data acquisition ADC channel 0 (IN3/GPIO-3) ADC channel 1 (IN2/GPIO-2) ADC channel 2 (IN1/GPIO-1) ADC channel 3 (IN0-GPIO-0) ADC channel 4 (TSC) ADC channel 5 (TSC) ADC channel 6 (TSC) ADC channel 7 (TSC) Description 25/54 Analog-to-digital converter STMPE811 ADC_CTRL1 7 RESERVED 6 5 ADC control 1 4 3 MOD_12B 2 RESERVED 1 REF_SEL 0 RESERVED SAMPLE_TIME2 SAMPLE_TIME1 SAMPLE_TIME0 Address: Type: Reset: Description: 0x20 R/W 0x9C ADC control register [7] RESERVED [6:4] SAMPLE_TIMEn: ADC conversion time in number of clock 000: 36 001: 44 010: 56 011: 64 100: 80 101: 96 110: 124 111: Not valid [3] MOD_12B: Selects 10 or 12-bit ADC operation 1: 12 bit ADC 0: 10 bit ADC [2] RESERVED [1] REF_SEL: Selects between internal or external reference for the ADC 1: External reference 0: Internal reference [0] RESERVED 26/54 STMPE811 Analog-to-digital converter ADC_CTRL2 7 6 5 ADC control 2 4 RESERVED 3 2 1 ADC_FREQ_1 0 ADC_FREQ_0 Address: Type: Reset: Description: 0x21 R/W 0x01 ADC control. [7] RESERVED [6] RESERVED [5] RESERVED [4] RESERVED [3] RESERVED [2] RESERVED [1:0] ADC_FREQ: Selects the clock speed of ADC 00: 1.625 MHz typ. 01: 3.25 MHz typ. 10: 6.5 MHz typ. 11: 6.5 MHz typ. ADC_CAPT 7 6 5 ADC channel data capture 4 3 2 1 0 CH[7:0] Address: Type: Reset: Description: 0x22 R/W 0xFF To initiate ADC data acquisition [7:0] CH[7:0]: ADC channel data capture Write '1' to initiate data acquisition for the corresponding channel. Writing '0' has no effect. Reads '1' if conversion is completed. Reads '0' if conversion is in progress. 27/54 Analog-to-digital converter STMPE811 ADC_DATA_CHn 11 10 9 8 7 ADC channel data registers 6 5 4 3 2 1 0 DATA[11:0] Address: Type: Reset: Description: Add address R/W 0x0000 ADC data register 0-7 (DATA_CHn=0 -7) [11:0] DATA[11:0]: ADC channel data If TSC is enabled, CH3-0 is used for TSC and all readings to these channels give 0x0000 The ADC in STMPE811 operates on an internal RC clock with a typical frequency of 6.5 MHz. The total conversion time in ADC mode depends on the "SampleTime" setting, and the clock division field 'Freq'. The following table shows the conversion time based on 6.5 MHz, 3.25 MHz and 1.625 MHz clock. Table 13. ADC conversion time Conversion time in ADC clock 36 44 56 64 80 96 124 6.5 MHz (154 ns) 5.5 s (180 kHz) 6.8 s (147 kHz) 8.6 s (116 kHz) 9.9 s (101 kHz) 3.25 MHz (308 ns) 11 s (90 kHz) 13.6 s (74 kHz) 17.2 s (58 kHz) 19.8 s (51 kHz) 1.625 MHz (615 ns) 22 s (45 kHz) 27 s (36 kHz) 34.4 s (29 kHz) 39.6 s (25 kHz) 49.2 s (20 kHz) 59.2 s (17 kHz) 56.4 s (13 kHz) Sample time setting 000 001 010 011 100 101 110 12.3 s (81.5 kHz) 24.6 s (41 kHz) 14.8 s (67.6 kHz) 28.8 s (33 kHz) 19.1 s (52.3 kHz) 38.2 s (26 kHz) 28/54 STMPE811 Touchscreen controller 10 Touchscreen controller The STMPE811 is integrated with a hard-wired touchscreen controller for 4-wire resistive type touchscreen. The touchscreen controller is able to operate completely autonomously, and will interrupt the connected CPU only when a pre-defined event occurs. Figure 9. Touchscreen controller block diagram Movement & window tracking FIFO FIFO & interrupt control 10/12 bit ADC Switch & drivers s Driver & switch control 10.1 Driver and switch control unit The driver and switch control unit allows coordination of the ADC and the MUX/switch. With the coordination of this unit, a stream of data is produced at a selected frequency. The touchscreen drivers can be configured with 2 current ratings: 20 mA or 50 mA. In the case where multiple touch-down on the screen is causing a short, the current from the driver is limited to these values. Tolerance of these current setting is +/- 25%. Movement tracking The "Tracking Index" in the TSC_CTRL register specifies a value, which determines the distance between the current touch position and the previous touch position. If the distance is shorter than the tracking index, it is discarded. The tracking is calculated by summation of the horizontal and vertical movement. Movement is only reported if: (Current X - Previously Reported X) + (Current Y - Previously Reported Y) > Tracking Index If pressure reporting is enabled (X/Y/Z), an increase in pressure will override the movement tracking and report the new data set, even if X/Y is within the previous tracking index. This is to ensure that a slow touch will not be discarded. If pressure data is not used, select X/Y mode in touchscreen data acquisition. (Opmode field in TSCControl register). 29/54 Touchscreen controller STMPE811 Window tracking The -WDW_X and WDW_Y registers allow to pre-set a sub-window in the touchscreen such that any touch position that is outside the sub-window will be discarded. Figure 10. Window tracking Top right coordinates Active window Bottom left coordinates FIFO FIFO has a depth of 128 sectors. This is enough for 128 sets of touch data at maximum resolution (2 x 12 bits). FIFO can be programmed to generate an interrupt when it is filled to a pre-determined level. Sampling The STMPE811 touchscreen controller has an internal 100 kHz, 12-bit ADC able to execute autonomous driving/sampling. Each "sample" consists of 4 ADC readings that provide the X and Y locations, as well as the touch pressure. Figure 11. Sampling ADC takes X reading Drive X Settling period Drive Y ADC takes Y reading Settling period 30/54 STMPE811 Touchscreen controller Oversampling and averaging function The STMPE811 touchscreen controller can be configured to oversample by 2/4/8 times and provide the averaged value as final output. This feature helps to reduce the effect of surrounding noise. Table 14. Address 0x40 0x41 0x42 0x44 0x46 0x48 0x4A 0x4B 0x4C 0x4D 0x4F 0x51 0x52 0x56 0x57 0x58 0x59 Touchscreen controller register summary table Register name TSC_CTRL TSC_CFG WDW_TR_X WDW_TR_Y WDW_TR_X WDW_TR_Y FIFO_TH FIFO_CTRL_STA FIFO_SIZE TSC_DATA_X TSC_DATA_Y TSC_DATA_Z TSC_DATA_XYZ TSC_FRACT_Z TSC_DATA TSC_I_DRIVE TSC_SHIELD Bit 8 8 16 16 16 16 8 8 8 16 16 8 32 8 8 8 8 R R/W R/W Type R/W R/W R/W R/W R/W R/W R/W R/W R R R R R Function 4-wire touchscreen controller setup TSC configuration register Window setup for top right X Window setup for top right Y Window setup for bottom left X Window setup for bottom left Y FIFO level to generate interrupt Current status of FIFO Current filled level of FIFO Data port for TSC data access Data port for TSC data access Data port for TSC data access Data port for TSC data access TSC_FRACT_Z TSC data access port TSC_I_DRIVE TSC_SHIELD 31/54 Touchscreen controller STMPE811 TSC_CTRL 7 TSC_STA 6 5 TRACK Touchscreen controller control register 4 3 2 OP_MOD 1 0 EN Address: Type: Reset: Description: 0x40 R/W 0x90 4-wire touchscreen controller (TSC) setup. [7] TSC_STA: TSC status Reads '1' when touch is detected Reads '0' when touch is not detected Writing to this register has no effect [6:4] TRACK: Tracking index 000: No window tracking 001: 4 010: 8 011: 16 100: 32 101: 64 110: 92 111: 127 [3:1] OP_MOD: TSC operating mode 000: X, Y, Z acquisition 001: X, Y only 010: X only 011: Y only 100: Z only This field cannot be written on, when EN = 1 [0] EN: Enable TSC 32/54 STMPE811 Touchscreen controller TSC_CFG 7 6 5 AVE_CTRL_1 AVE_CTRL_0 Touchscreen controller configuration register 4 3 2 SETTLING_2 1 SETTLING_1 0 SETTLING_0 TOUCH_DET TOUCH_DET TOUCH_DET _DELAY_2 _DELAY_1 _DELAY_0 Address: Type: 0x41 R/W Description: Touchscreen controller configuration register. [7] AVE_CTRL_1: Average control 00 = 1 sample 01 = 2 samples 10 = 4 samples 11 = 8 samples [6] AVE_CTRL_0: Average control 00 = 1 sample 01 = 2 samples 10 = 4 samples 11 = 8 samples [5] TOUCH_DET_DELAY_2: Touch detect delay 000 = 10 s 001 = 50 s [4] TOUCH_DET_DELAY_1: Touch detect delay 000 = 10 s 001 = 50 s [3] TOUCH_DET_DELAY_0: Touch detect delay 010 = 100 s 011 = 500 s 100 = 1 ms 101 = 5 ms 110 = 10 ms 111 = 50 ms [2:0] SETTLING: Panel driver settling time(1) 000 = 10 s 001 = 100 s 010 = 500 S 011 =1 ms 100 = 5 ms 101 = 10 ms 110 = 50 ms 111 =100 ms 1. For large panels (> 6"), a capacitor of 10 nF is recommended at the touchscreen terminals for noise filtering. In this case, settling time of 1 ms or more is recommended. 33/54 Touchscreen controller STMPE811 WDW_TR_X 7 Window setup for top right X 6 5 4 3 2 1 0 TR_X [11:0] Address: Type: Reset: Description: 0x42 R/W 0x0FFF Window setup for top right X coordinates [11:0] TR_X: Bit 11:0 of top right X coordinates WDW_TR_Y 7 Window setup for top right Y 6 5 4 3 2 1 0 TR_Y [11:0] Address: Type: Reset: Description: 0x44 R/W 0x0FFF Window setup for top right Y coordinates [11:0] TR_X: Bit 11:0 of top right Y coordinates 34/54 STMPE811 Touchscreen controller WDW_BL_X 7 Window setup for bottom left X 6 5 4 3 2 1 0 BL_X [11:0] Address: Type: Reset: Description: 0x46 R/W 0x0000 Window setup for bottom left X coordinates [11:0] BL_X: Bit 11:0 of bottom left X coordinates WDW_BL_Y 7 Window setup for bottom left Y 6 5 4 3 2 1 0 BL_Y [11:0] Address: Type: Reset: Description: 0x48 R/W 0x0000 Window setup for bottom left Y coordinates [11:0] BL_X: Bit 11:0 of bottom left Y coordinates FIFO_TH 7 6 5 FIFO threshold 4 3 FIFO_TH 2 1 0 Address: Type: Reset: Description: 0x4A R/W 0x00 Triggers an interrupt upon reaching or exceeding the threshold value. This field must not be set as zero. [7:0] FIFO_TH: Touchscreen controller FIFO threshold 35/54 Touchscreen controller STMPE811 FIFO_CTRL_STA 7 FIFO_OFLOW 6 FIFO_FULL 5 FIFO_EMPTY FIFO threshold 4 FIFO_TH_TRIG 3 2 RESERVED 1 0 FIFO_RESET Address: Type: Reset: Description: 0x4B R/W 0x20 Current status of FIFO.. [7] FIFO_OFLOW: 1: Reads 1 if FIFO is overflow [6] FIFO_FULL: [5] FIFO_EMPTY: [4] FIFO_TH_TRIG: [3:1] RESERVED [0] FIFO_RESET: FIFO_SIZE 7 RESERVED 6 5 FIFO size 4 3 FIFO_SIZE 2 1 0 Address: Type: Reset: Description: 0x4C R 0x00 Current number of samples available [7:0] FIFO_SIZE: Number of samples available TSC_DATA_X 11 10 9 8 7 TSC_DATA_X 6 5 DATAY[11:0] 4 3 2 1 0 Address: Type: Reset: Description: 0x4D R 0x0000 Bit 11:0 of Y data [11:0] DATAY[11:0]: Bit 11:0 of Y data 36/54 STMPE811 Touchscreen controller TSC_DATA_Y 11 10 9 8 7 TSC_DATA_Y 6 5 DATAY[11:0] 4 3 2 1 0 Address: Type: Reset: Description: 0x4F R 0x0000 Bit 11:0 of Y data [11:0] DATAY[11:0]: bit 11:0 of Y data TSC_DATA_Z 7 6 5 TSC_DATA_Z 4 3 DATAZ[7:0] 2 1 0 Address: Type: Reset: Description: 0x51 R 0x0000 Bit 7:0 of Z data [7:0] DATAZ[7:0]: bit 7:0 of Z data 37/54 Touchscreen controller STMPE811 TSC_DATA 7 6 5 Touchscreen controller DATA 4 3 DATA 2 1 0 Address: Type: Reset: Description: 0x57 (auto-increment), 0x07 (non-auto-increment) R 0x00 Data port for TSC data access [11:0] DATA: data bytes from TSC FIFO The data format from the TSC_DATA register depends on the setting of "OpMode" field in TSC_CTRL register. The samples acquired are accessed in "packed samples". The size of each "packed sample" depends on which mode the touchscreen controller is operating in. The TSC_DATA register can be accessed in 2 modes: Autoincrement Non autoincrement To access the 128-sets buffer, the non autoincrement mode should be used. Table 15. Touchscreen controller DATA register Number of bytes to read from TSC_DATA 4 3 2 2 1 TSC_CTRL in operation mode Byte0 Byte1 Byte2 Byte3 000 001 010 011 100 [11:4] of X [11:4] of X [11:4] of X [11:4] of Y [7:0] of Z [3:0] of X [11:8] of Y [3:0] of X [11:8] of Y [3:0] of X [3:0] of Y [7:0] of Y [7:0] of Y [7:0] of Z 38/54 STMPE811 Touchscreen controller TSC_FRACTION_Z 7 6 5 RESERVED Touchscreen controller FRACTION_Z 4 3 2 1 FRACTION_Z 0 Address: Type: Reset: Description: 0x56 R 0x00 This register allows to select the range and accuracy of the pressure measurement [7:3] RESERVED [2:0] FRACTION_Z: 000: Fractional part is 0, whole part is 8 001: Fractional part is 1, whole part is 7 010: Fractional part is 2, whole part is 6 011: Fractional part is 3, whole part is 5 100: Fractional part is 4, whole part is 4 101: Fractional part is 5, whole part is 3 110: Fractional part is 6, whole part is 2 111: Fractional part is 7, whole part is 1 39/54 Touchscreen controller STMPE811 TSC_I_DRIVE 7 6 5 Touchscreen controller drive I 4 RESERVED 3 2 1 0 DRIVE Address: Type: Reset: Description: 0x58 R/W 0x00 This register sets the current limit value of the touchscreen drivers [7:1] RESERVED [0] DRIVE: maximum current on the touchscreeb controller (TSC) driving channel 0: 20 mA typical, 35 mA max 1: 50 mA typical, 80 mA max TSC_SHIELD 7 6 RESERVED 5 Touchscreen controller shield 4 3 X+ 2 X1 Y+ 0 Y- Address: Type: Reset: Description: 0x59 R 0x00 Writing each bit would ground the corresponding touchscreen wire [7:4] RESERVED [3:0] SHIELD[3:0]: Write 1 to GND X+, X-, Y+, Y- lines 40/54 STMPE811 Touchscreen controller programming sequence 11 Touchscreen controller programming sequence The following are the steps to configure the touchscreen controller (TSC): a) b) c) Disable the clock gating for the touchscreen controller and ADC in the SYS_CFG2 register. Configure the touchscreen operating mode and the window tracking index. A touch detection status may also be enabled through enabling the corresponding interrupt flag. With this interrupt, the user is informed through an interrupt when the touch is detected as well as lifted. Configure the TSC_CFG register to specify the "panel voltage settling time", touch detection delays and the averaging method used. A windowing feature may also be enabled through TSCWdwTRX, TSCWdwTRY, TSCWdwBLX and TSCWdwBLY registers. By default, the windowing covers the entire touch panel. Configure the TSC_FIFO_TH register to specify the threshold value to cause an interrupt. The corresponding interrupt bit in the interrupt module must also be enabled. This interrupt bit should be masked off during data fetching from the FIFO in order to prevent an unnecessary trigger of this interrupt. Upon completion of the data fetching, this bit can be re-enabled By default, the FIFO_RESET bit in the TSC_FIFO_CTRL_STA register holds the FIFO in Reset mode. Upon enabling the touchscreen controller (through the EN bit in TSC_CTRL), this FIFO reset is automatically deasserted. The FIFO status may be observed from the TSC_FIFO_CTRL_STA register or alternatively through the interrupt. Once the data is filled beyond the FIFO threshold value, an interrupt is triggered (assuming the corresponding interrupt is being enabled). The user is required to continuously read out the data set until the current FIFO size is below the threshold, then, the user may clear the interrupt flag. As long as the current FIFO size exceeds the threshold value, an interrupt from the touchscreen controller is sent to the interrupt module. Therefore, even if the interrupt flag is cleared, the interrupt flag will automatically be asserted, as long as the FIFO size exceeds the threshold value. The current FIFO size can be obtained from the TSC_FIFO_Sz register. This information may assists the user in how many data sets are to be read out from the FIFO, if the user intends to read all in one shot. The user may also read a data set by a data set. The TSC_DATA_X register holds the X-coordinates. This register can be used in all touchscreen operating modes. The TSC_DATA_Y register holds the Y-coordinates. TSC_DATA_Y register holds the Y-coordinates. The TSC_DATA_Z register holds the Z value. TSC_DATA_Z register holds the Zcoordinates. d) e) f) g) h) i) j) k) l) m) The TSCDATA_XYZ register holds the X, Y and Z values. These values are packed into 4 bytes. This register can only be used when the touchscreen operating mode is 000 and 001. This register is to facilitate less byte read. n) For the TSC_FRACT_Z register, the user may configure it based on the touchscreen panel resistance. This allows the user to specify the resolution of the 41/54 Touchscreen controller programming sequence STMPE811 Z value. With the Z value obtained from the register, the user simply needs to multiply the Z value with the touchscreen panel resistance to obtain the touch resistance. o) The TSC_DATA register allows facilitation of another reading format with minimum I2C transaction overhead by using the non autoincrement mode (or equivalent mode in SPI). The data format is the same as TSC_DATA_XYZ, with the exception that all the data fetched are from the same address. Enable the EN bit of the TSC_CTRL register to start the touch detection and data acquisition. During the auto-hibernate mode, a touch detection can cause a wake-up to the device only when the TSC is enabled and the touch detect status interrupt mask is enabled. In order to prevent confusion, it is recommended that the user not mix the data fetching format (TSC_DATA_X, TSC_DATA_Y, TSC_DATA_Z, TSC_DATA_XYZ and TSC_DATA) between one reading and the next. It is also recommended that the user should perform a FIFO reset and TSC disabling when the ADC or TSC setting are reconfigured. p) q) r) s) 42/54 STMPE811 Temperature sensor 12 Temperature sensor The STMPE811 internal temperature sensor can be used as a reference for compensation of the touchscreen parameters. Temperature measurement is optimised for temperature from 0 C to 85 C. Table 16. Address 0x60 0x61 0x62 Touchscreen parameters Register name TEMP_CTRL TEMP_DATA TEMP_TH Bit 8 16 16 Function Temperature sensor setup Temperature data access port Threshold for temperature controlled interrupt TEMP_CTRL 7 6 RESERVED 5 4 Temperature sensor setup 3 THRES_EN 2 ACQ_MOD 1 ACQ 0 ENABLE THRES_RANGE Address: Type: Reset: Description: 0x60 R/W 0x00 Temperature sensor setup [7:5] RESERVED [4] THRES_RANGE: '0' assert interrupt if temperature is >= threshold '1' assert interrupt if otherwise [3] THRES_EN: temperature threshold enable [2] ACQ_MOD: '0' to acquire temperature for once only '1' to acquire temperature every 10mS [1] ACQ [0] ENABLE 43/54 Temperature sensor STMPE811 TEMP_DATA 11 10 9 8 7 Temperature data 6 5 4 3 2 1 0 TEMPERATURE Address: Type: Reset: Description: 0x61 R 0x00 Temperature data access port [11:0] TEMPERATURE: Temperature reading Absolute temperature = ( VIO * temperature [11:0] ) / 7.51 (12-bit ADC) = ( VIO * temperature [9:0] ) / 7.51 (10-bit ADC) Note that VIO is used as a reference in temperature acquisition. Variations in VIO will directly affect the accuracy of temperature acquired. TEMP_TH 11 10 9 8 7 Temperature threshold 6 5 4 3 2 1 0 TEMP_TH Address: Type: Reset: Description: 0x62 R/W 0x00 Threshold for temperature controlled interrupt [11:0] TEMP_TH: temperature treshold 44/54 STMPE811 GPIO controller 13 GPIO controller A total of 8 GPIOs are available in the STMPE811 port expander device. Most of the GPIOs share physical pins with some alternate functions. The GPIO controller contains the registers that allow the host system to configure each of the pins into either a GPIO, or one of the alternate functions. Unused GPIOs should be configured as outputs to minimize power consumption. A group of registers are used to control the exact function of each of the 8 GPIOs. The registers and their respective addresses are listed in the following table. Table 17. Address 0x10 0x11 0x12 0x13 0x14 0x15 0x16 0x17 GPIO control registers Register name GPIO_SET_PIN GPIO_CLR_PIN GPIO_MP_STA GPIO_DIR GPIO_ED GPIO_RE GPIO_FE GPIO_ALT_FUNCT Size (bit) 8 8 8 8 8 8 8 8 Function Set pin register Clear pin state Monitor pin state Set pin direction Edge detect status Rising edge Falling edge Alternate function register All GPIO registers are named as GPIO-x, where x represents the functional group. 7 GPIO-7 6 GPIO-6 5 GPIO-5 4 GPIO-4 3 GPIO-3 2 GPIO-2 1 GPIO-1 0 GPIO-0 45/54 GPIO controller STMPE811 GPIO_SET_PIN Address: Type: Reset: Description: 0x10 R/W 0x00 GPIO set pin register GPIO set pin register. Writing 1 to this bit causes the corresponding GPIO to go to 1 state. Writing 0 has no effect. GPIO_CLR_PIN Address: Type: Reset: Description: 0x11 R/W 0x00 Clear pin state register GPIO clear pin state register. Writing `1' to this bit causes the corresponding GPIO to go to 0 state. Writing `0' has no effect. GPIO_MP_STA Address: Type: Reset: Description: 0x12 R/W 0x00 GPIO monitor pin state register GPIO monitor pin state. Reading this bit yields the current state of the bit. Writing has no effect. 46/54 STMPE811 GPIO controller GPIO_DIR Address: Type: Reset: Description: 0x13 R/W 0x00 GPIO set pin direction GPIO set pin direction register. Writing `0' sets the corresponding GPIO to input state, and `1' sets it to output state. All bits are `0' on reset. GPIO_ED_STA Address: Type: Reset: Description: 0x14 R/W 0x00 GPIO edge detect status GPIO edge detect status register. An edge transition has been detected. GPIO_RE Address: Type: Reset: Description: 0x15 R/W 0x00 Rising edge register GPIO rising edge register. Rising edge has been detected. 47/54 GPIO controller STMPE811 GPIO_FE Address: Type: Reset: Description: 0x16 R/W 0x00 Falling edge Falling edge has been detected. GPIO_ALT_FUNCT Address: Type: Reset: Description: 0x17 R/W 0x0F Alternate function register Alternate function register. "`0' sets the corresponding GPIO to function as GPIO, and `1' sets it to Touch Key Direct Output mode. On power-up reset, all GPIOs are set as input. Power supply The STMPE811 GPIO operates from a separate supply pin (VIO). This dedicated supply pin provides a level-shifting feature to the STMPE811. The GPIO remains valid until VIO is removed. The host system may choose to turn off Vcc supply while keeping VIO supplied. However it is not allowed to turn off supply to VIO, while keeping the Vcc supplied. The touchscreen is always powered by VIO. For better resolution and noise immunity, VIO above 2.8 V is advised. 13.0.1 Power-up reset (POR) The STMPE811 is equipped with an internal POR circuit that holds the device in reset state, until the VIO supply input is valid. The internal POR is tied to the VIO supply pin. 48/54 STMPE811 Maximum rating 14 Maximum rating Stressing the device above the ratings listed in the "Absolute maximum ratings" table may cause permanent damage to the device. These are stress ratings only, and operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality documents. Table 18. Symbol VCC VIO ESD T TSTG TJ Supply voltage GPIO supply voltage ESD protection on each GPIO pin (air discharge) Operating temperature Storage temperature Thermal resistance junction-ambient Absolute maximum ratings Parameter Value 4.5 4.5 8 -40 - 85 -65 - 155 TBD Unit V V kV C/W C/W C/W 14.1 Recommended operating conditions Table 19. Symbol VCC ICC max ICC suspend Power consumption Value Parameter Core supply voltage Operating current Operating current TSC running at 1 kHz No I2C/SPI/ADC activity Test conditions Min 1.65 Typ Max 3.6 1000 1 V Unit - 400 0.5 A A 49/54 Electrical specifications STMPE811 15 Electrical specifications Table 20. DC electrical characteristics (-40 C to 85 C, all GPIOs comply to JEDEC standard JESD-8-7) Value Symbol VIL VIH VOL VOH Parameter Input voltage low state Input voltage high state Output voltage low state Output voltage high state Test condition Min VCC =1.8 -3.3 V VCC =1.8 -3.3 V VCC =1.8 -3.3 V, IOL = 8 mA VCC =1.8 -3.3 V IOL = 8 mA VCC =1.8 -3.3 V IOL = 8 mA VCC =1.8 -3.3 V IOL = 8 mA -0.3 V 0.80 VIO -0.3 V 0.85 VIO -0.3 V 0.85 VCC 0.15 VCC VCC +0.3V Typ Max 0.20 VIO VIO + 0.3 V 0.15 VIO V V V V V v Unit VOL Output voltage low state (I2C/SPI) VOH 2C/SPI) (I Output voltage high state Table 21. Symbol AC electrical characteristics (-40 C to 85 C) Value Parameter Test condition Min Typ Max KHz KHz KHz Unit 400 800 1000 CLKI2Cmax I2C maximum SCLK CLKSPImax SPI maximum clock VCC = 1.8 - 3.3 V VCC = 1.8 V VCC = 3.3 V 50/54 STMPE811 Table 22. ADC specification (-40 C to 85 C) Electrical specifications Value Parameter Full-scale input span Absolute input range Input capacitance Leakage current Resolution No missing codes Integral linearity error Offset error Gain error Noise Power supply rejection ratio Throughput rate Including internal Vref 11 4 5 14 70 50 180 6 7 18 25 0.1 12 Test condition Min 0 Typ Max Vref VCC +0.2 V V pF A Bits Bits Bits LSB LSB Vrms dB ksps Unit Table 23. Switch drivers specification Value Test condition Min Typ 5.5 7.3 Duration 100 ms 50 Max mA Unit Parameter ON resistance X+, Y+ ON resistance X-, YDrive current Table 24. Voltage reference specification Value Test condition Min Typ 2.50 25 Internal reference ON 300 1 Max 2.55 V Ppm/C G 2.45 Unit Parameter Internal reference voltage Internal reference drift Output impedance Internal reference OFF 51/54 Package mechanical data STMPE811 16 Package mechanical data In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com. Figure 12. QFN16L (3 x 3 mm) package outline E A K A1 E2 e D b K r D2 A3 L 1. Drawing not to scale. Table 25. Symbol QFN16 (3 x 3 mm) package mechanical data millimeters Min Typ 0.90 0.02 0.20 0.18 0.25 3.00 1.55 1.70 3.00 1.55 1.70 0.50 0.20 0.30 0.09 0.40 0.50 0.012 0.006 1.80 0.061 1.80 0.061 0.30 0.007 Max 1.00 0.05 Min 0.032 inches Typ 0.035 0.001 0.008 0.010 0.118 0.067 0.118 0.067 0.020 0.008 0.016 0.020 0.071 0.071 0.012 Max 0.039 0.002 A A1 A3 b D D2 E E2 e K L r 0.80 52/54 STMPE811 Revision history 17 Revision history Table 26. Date 09-June-2008 Document revision history Revision 1 Initial release. Changes 53/54 STMPE811 Please Read Carefully: Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein. UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK. Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST. ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners. (c) 2008 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com 54/54 |
Price & Availability of STMPE81108 |